Part Number Hot Search : 
ZM4746 9102C F200B SRA22 ICM72 UPA812T 1N4935 AN8710
Product Description
Full Text Search
 

To Download PWA2405D-10W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the copyright and authority for the interpretation of the products are reserved by mornsun pwa_(c)d-10w&pwb_(c)d-10w a/4-2012 page 1 of 5 pwa_(c)d-10w & pwb_(c)d-10w series 10w, 4:1 wide input, isolated & regulated dual/single output dc-dc converter patent protection rohs part number system pwa2405(c)d-10w product series input voltage output voltage package style rated power ctrl pin features 4:1 wide input range dip package operating temperature: -40 c ~ +85 c 1500vdc isolation short circuit protection (automatic recovery) metal shielding package industry standard pinout mtbf>1,000,000 hours good high temperature properties, can meet the industrial products technical requirements applications the pwa_(c)d-10w & pwb_(c)d-10w series are designed for application where isolated output is required from a wide range input voltage distributed power system. these products apply to where: 1) input voltage range 4:1; 2) 1.5kvdc input and output isolation; 3) regulated and low ripple noise is required. selection guide input voltage(vdc) output current (ma) input current (ma)(typ.) model number nominal (range) max* output voltage (vdc) max. min. @max. load @no load reflected ripple current (ma,typ.) max. capacitive load( f) efficiency (%, typ.) @max. load pwa2405(c)d-10w 5 1000 100 521 680 80 pwa2412(c)d-10w 12 416 42 508 330 82 pwa2415(c)d-10w 15 333 33 502 35 220 83 pwb2403d-10w 3.3 2400 240 548 100 2200 76 pwb2405(c)d-10w 5 2000 200 527 1000 79 pwb2412(c)d-10w 12 833 83 514 470 81 pwb2415(c)d-10w 15 666 67 508 330 82 pwb2424(c)d-10w 24 (9-36) 40 24 416 42 502 35 35 220 83 pwa4805(c)d-10w 5 1000 100 267 100 680 78 pwa4812(c)d-10w 12 416 42 254 330 82 pwa4815(c)d-10w 15 333 33 251 35 220 83 pwb4803d-10w 3.3 2400 240 271 2200 77 pwb4805(c)d-10w 5 2000 200 267 100 1000 78 pwb4812(c)d-10w 12 833 83 254 470 82 pwb4815(c)d-10w 48 (18-72) 80 15 666 67 251 20 35 330 83 note: 1. *input voltage can t exceed this value, or will cause the permanent damage. 2. :pwm mode, others pfm mode. 3. c means the product with ctrl pin. input specifications item test conditions min. typ. max. unit 24vdc input models -0.7 -- 50 input surge voltage (1000 ms) 48vdc input models -0.7 -- 100 24vdc input models -- 7.5 9 start-up voltage 48vdc input models -- 16 18 vdc short circuit input power -- 1.5 2 w pwm capacitance filter input filter pfm filter
the copyright and authority for the interpretation of the products are reserved by mornsun pwa_(c)d-10w&pwb_(c)d-10w a/4-2012 page 2 of 5 output specifications item test conditions min. typ. max. unit output power 1 -- 10 w positive voltage accuracy -- 1 3 negative voltage accuracy refer to recommended circuit -- 3 5 output voltage balance dual output, balanced loads -- 0.5 1 line regulation full load, input voltage from low to high -- 0.2 0.5 load regulation* 10% to 100% load -- 0.5 1 % pwm -- 0.3 0.5 transient recovery time 25% load step change pfm -- 8 15 ms transient response deviation 25% load step change -- -- 5 % temperature drift 100% load -- -- 0.03 %/ c ripple** -- 20 50 noise** 20mhz bandwidth -- 75 150 mvp-p short circuit protection continuous, automatic recovery note:* dual output models unbalanced load: 5%. **test ripple and noise by parallel cable method. see detailed operation instructions at testing of power converter section, application notes. common specifications item test conditions min. typ. max. unit isolation voltage tested for 1 minute and leakage current less than 1 ma 1500 -- -- vdc isolation resistance test at 500vdc 1000 -- -- m isolation capacitance input/output,100khz/1v -- 1000 -- pf switching frequency full load, nominal input -- 300 -- khz mtbf mil-hdbk-217f@25 100 -- -- k hours case material aluminum weight -- 23.5 -- g environmental specifications item test conditions min. typ. max. unit storage humidity non condensing -- -- 95 % operating temperature power derating (above 71 ) -40 -- 85 storage temperature -55 -- 125 temp. rise allowed at full load ta=25 c -- 30 -- lead temperature 1.5mm from case for 10 seconds -- -- 300 c cooling free air convection emc specifications emi ce cispr22/en55022 class a external circuit refer to figure1 esd iec/en61000-4-2 contact 4kv perf. criteria b eft iec/en61000-4-4 2kv perf. criteria b external circuit refer to figure1 ems surge iec/en61000-4-5 2kv perf. criteria b external circuit refer to figure1 emc recommended circuit vin gnd +vo -vo (0v) eut load lcm c0 tvs ldm mov fuse c1 c2 vin gnd (figure1)
the copyright and authority for the interpretation of the products are reserved by mornsun pwa_(c)d-10w&pwb_(c)d-10w a/4-2012 page 3 of 5 recommended external circuit parameters pwa24_d-10w pwb24_d-10w pwa48_d-10w pwa48_cd-10w pwb48_d-10w pwb48_cd-10w fuse choose according to load mov 10d560k 10d101k ldm 56 h tvs smcj48a smcj100a c0 120 f/50v 120 f/100v c1 -- -- 4.7 f/100v -- 4.7 f/100v lcm -- -- 3.3mh core : a10 -- 3.3mh core : a10 c2 -- -- -- 47pf/2kv -- -- note: 1. in figure 1,part is ems recommended external circuit, part is emi recommended external circuit. choose according to requirements. 2. if there is no recommended parameters, the model no require the external component. emc recommended circuit pcb layout (figure 2) product typical curve operating temp.( ) c 100
the copyright and authority for the interpretation of the products are reserved by mornsun pwa_(c)d-10w&pwb_(c)d-10w a/4-2012 page 4 of 5 efficiency vs input voltage curve (full load) 55 58 61 64 67 70 73 76 79 82 85 9121518212427303336 input voltage(v) efficiency(%) pwa2405cd-10w pwb2405cd-10w efficiency vs input voltage curve (full load) 60 63 66 69 72 75 78 81 84 87 90 18243036424854606672 input voltage(v) efficiency(%) pwa4812cd-10w pwb4815cd-10w efficiency vs output load curve (vin=vin-nominal) 0 10 20 30 40 50 60 70 80 90 102030405060708090100 output current percent(%) efficiency(%) pwa2405cd-10w pwb2405cd-10w efficiency vs output load curve (vin=vin-nominal) 0 10 20 30 40 50 60 70 80 90 102030405060708090100 output current percent(%) efficiency(%) pwa4812cd-10w pwb4815cd-10w outline dimensions, recommended footprint & packaging ? 1.50 [0.059] *pwa/b_d-10w series without ctrl pin. ? 1.00 [0.039] 4.10 [0.161] 1 1 . 2 0 [ 0 . 4 4 1 ] 50.80 [2.000] 20.32 [0.800] 5 . 0 8 [ 0 . 2 0 0 ] 7 . 6 2 [ 0 . 3 0 0 ] 2 5 . 4 0 [ 1 . 0 0 0 ] 1 0 . 1 6 [ 0 . 4 0 0 ] 1 0 . 1 6 [ 0 . 4 0 0 ] 2 1 6 3 4 5 2 1 6 3 4 5 54.30 [2.138] 13.20 [0.520] 2 0 . 0 0 [ 0 . 7 8 7 ] 1 5 . 0 0 [ 0 . 5 9 1 ] mechanical dimensions recommended footprint (front view) (bottom view) tube outline dimensions pin 1 2 3 4 5 6* single gnd vin +vo no pin 0v ctrl dual gnd vin +vo 0v -vo ctrl footprint details note: unit:mm[inch] pin diameter tolerances: 0.10mm[ 0.004inch] general tolerances: 0.25mm[ 0.010inch] note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l=220mm[8.661inch] pcs/tube: 7 inner packaging dimensions: l*w*h=255*170*80mm outer packaging dimensions(with six inner package boxes): l*w*h=375*280*270mm note: grid 2.54*2.54mm. 2 1 6 3 5 dual output single output
the copyright and authority for the interpretation of the products are reserved by mornsun pwa_(c)d-10w&pwb_(c)d-10w a/4-2012 page 5 of 5 test configurations input reflected-ripple current test setup input reflected-ripple current is measured with an inductor lin and capacitor cin to simulate source impedance. dc cin lin dc load oscilloscope current probe lin(4.7 h) cin(220 f, esr < 1.0 at 100 khz) design & apply considerations 1) requirement on output load to ensure this module can operate efficiently and reliably, during operation, the minimum output load could not be less than 10% of the full load. if the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company s products with a lower rated output power. 2) overload protection under normal operating conditions, the output circuit of these products has no protection against overload. the simplest method is add a circuit breaker to the circuit. 3) recommended circuit all the pwa_(c)d-10w & pwb_(c)d-10w series have been tested according to the following recommended testing circuit before leaving factory. (see figure 3). if you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low esr. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor must less than the max. capacitive load. general: cin: 10 f~47 f cout:10 f/100ma single output dual output +vo 0v cout 3 5 cin vin gnd 2 1 6 vc r ic d1 dc/dc +vo 0v cout cin vin gnd 2 1 6 vc r cout -vo 3 4 5 ic d1 dcdc / (figure 3) 4) ctrl terminal when open or high impedance, the converter work well; when this pin is high level ; the converter shutdown; it should be note that the input current should between 5-10ma,exceeding the maximum 20ma will cause permanence damage to the converter. the value of r can be derived as follows: c d c i v v r 0 . 1 - - = 5) input current nominal input voltage range. the input current of the power supply must be sufficient to the startup current (ip) of the dc/dc module (figure 4). general: ip 1.6*iin-max i n p u t c u r r e n t ( a ) input voltage (v) input voltage range ip (figure 4) 6) no parallel connection or plug and play note: 1. the load shouldn't be less than 10%, otherwise ripple will increase dramatically. operation under minimum load will not damage the converter; however, they may not meet all specification listed. 2. max. capacitive load tested at input voltage range and full load. 3. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. in this datasheet, all the test methods of indications are based on corporate standards. 5. only typical models listed, other models may be different, please contact our technical person for more details. 6. our company offer custom products. 7. specifications subject to change without notice. mornsun science & technology co.,ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou,p.r.china. tel: 86-20-28203030 fax:86-20-38601272 http://www.mornsun-power.com


▲Up To Search▲   

 
Price & Availability of PWA2405D-10W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X